Part Number Hot Search : 
55D24 TS274I 1N2981B PCMC135 74OL6001 FP5109 SDR1AHF C3064
Product Description
Full Text Search
 

To Download HPL13PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT GLASS PASSIVATED
HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
FEATURE
*Sm al l S u r f ac e M o u n t i n g T y p e. (SMP) * Low forward voltage, high current capability * Low leakage current * Glass passivated junction * High temperature soldering guaranteed : 260oC/10 seconds at terminals
0.081 (2.05) 0.077 (1.95) (3)
HPL11PT THRU HPL18PT
PROVISIONAL SPEC.
SMP
0.170 (4.31) 0.163 (4.15)
(1) 0.077 (1.95) 0.073 (1.85) 0.005 (0.15 Min.)
(2) 0.019 (0.50 Min.) 0.045 (1.16) 0.042 (1.07)
0.019 (0.50 Min.) 0.264 (6.70) 0.254 (6.46) 0.212 (5.38) 0.208 (5.29)
CIRCUIT
2
1
0.055 (1.40) 0.051 (1.30)
3
Dimensions in inches and (millimeters)
SMP
UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TL = 110 C Peak Forward Surge Current 8.3 ms single half sine-wave IFSM superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range CJ TJ, TSTG 15 -65 to +150 12 pF
o o
SYMBOL VRRM VRMS VDC IO
HPL11PT HPL12PT HPL13PT HPL14PT HPL15PT HPL16PT HPL17PT HPL18PT
50 35 50
100 70 100
200 140 200
300 210 300 1.0
400 280 400
600 420 600
800 560 800
1000 700 1000
30
Amps
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage at TA = 25oC Maximum Full Load Reverse Current Average, Full Cycle at TA = 55oC Maximum Reverse Recovery Time (Note 2) NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A SYMBOL VF
HPL11PT HPL12PT HPL13PT HPL14PT HPL15PT HPL16PT HPL17PT HPL18PT
UNITS Volts uAmps uAmps
1.0
1.3 5.0
1.5
1.7
IR 100 trr 50 70 nSec 2004-7
RATING CHARACTERISTIC CURVES ( HPL11PT THRU HPL18PT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+) -1.0A NOTES: 1. Rise Time = 7 ns max. Input Impedance = 1 megohm. 22 pF. 2. Rise Time = 10 ns max. Source Impedlance= 50 ohms. 1cm SET TIME BASE FOR 10/20 nS/cm -0.25A
AVERAGE FORWARD CURRENT, ( A )
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
1.5
(+) 25 Vdc (approx) (-)
D.U.T
1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
0.5
0
0
25 50 75 100 125 150 175
LEAD TEMPERATURE ( OC )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
PL1
5PT
L11
PT
L14
HP
TJ =100oC
1.0
TJ =25oC
0.1
.1
.01
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
.001 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, ( V ) 1.8
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, ( A ) 35 JUNCTION CAPACITANCE, ( pF ) 30 25 20 15 10 5 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ =25oC
HPL1 1~HP L15
HPL16
~HPL1
8
HP
TJ =25oC
HP
L1
7P
T~
10
PT
~H
HP
HP
TJ =125oC
PL1
~H
6P
1.0
L1
L1
8P
Pulse Width = 300uS 1% Duty Cycle
3PT
T
T


▲Up To Search▲   

 
Price & Availability of HPL13PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X